Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 165Page - Renesas Technology Corp 7643 Datasheet HTML 166Page - Renesas Technology Corp 7643 Datasheet HTML 167Page - Renesas Technology Corp 7643 Datasheet HTML 168Page - Renesas Technology Corp 7643 Datasheet HTML 169Page - Renesas Technology Corp 7643 Datasheet HTML 170Page - Renesas Technology Corp 7643 Datasheet HTML 171Page - Renesas Technology Corp 7643 Datasheet HTML 172Page - Renesas Technology Corp 7643 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 48 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
(3) Countermeasure for errors
Three errors can be detected at reception. Each error is detected simultaneously when the data
is transferred from the receive shift register to the receive buffer register. If receive errors occur,
the corresponding error flags of UART status register are set to “1”. When any one of errors
occurs, the summing error flag is set to “1” and the UART summing error interrupt request bit is
also set to “1”. If a receive error occurs, the reception does not set the UART receive buffer full
interrupt request bit to “1”.
If receive errors occur, initialize the error flags and the UART receive buffer register and then
retransmit the data.
Table 2.4.3 shows the error flags set condition and how to clear error flags.
Error flag set condition
•If the previous data in the receive buffer register
is not read before the current receive operation
is completed.
•If any one of error flags is “1” for the previous
data and the current receive operation is
completed.
•When the number of stop bit of the received
data does not correspond with the selection
with the stop bit length select bit (STB).
•When the sum total of 1s of received data and
the parity does not correspond with the selection
with the parity select bit (PMD).
•When any one of the PER, FER and OER is
set to “1”.
Error flag
Overrun flag (OER)
How to clear error flag
•Reading UART status register
•Hardware reset
•Setting the receive initialization
bit (RIN) to “1”
Table 2.4.3 Error flags set condition and how to clear error flags
Framing error flag
(FER)
Parity error flag (PER)
Summing error flag
(SER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com