Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 167Page - Renesas Technology Corp 7643 Datasheet HTML 168Page - Renesas Technology Corp 7643 Datasheet HTML 169Page - Renesas Technology Corp 7643 Datasheet HTML 170Page - Renesas Technology Corp 7643 Datasheet HTML 171Page - Renesas Technology Corp 7643 Datasheet HTML 172Page - Renesas Technology Corp 7643 Datasheet HTML 173Page - Renesas Technology Corp 7643 Datasheet HTML 174Page - Renesas Technology Corp 7643 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 50 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Figure 2.4.15 shows the registers setting for the transmitter, and Figures 2.4.16 and 2.4.17 show
the registers setting for the receiver.
Fig. 2.4.15 Registers setting for transmitter
UMOD
0
0
0
1
0
1
0
UBRG
4D16
0 0 1
1
1
UCON
0
b0
b7
b0
b7
USTS
b0
b7
b0
b7
UTRB1
UTRB2
b0
b7
b0
b7
ICONA
0
b0
b7
Transmitting side
UART mode register (Address : 3016)
UART control register (Address : 3316)
UART clock :
φ/1
Character length : 8 bits
Parity checking disabled
Stop bit length : 2 stop bits
Transmit enabled
Receive disabled
UART address mode disabled
Transmit initializing
CTS function enabled
RTS function disabled
UART baud rate generator (Address : 3116)
UART transmit interrupt disabled
UART transmit/receive buffer register 2 (Address : 3516)
Interrupt control register A (Address : 0516)
high-order 1 bit of transmitting data set
low-order 8 bits of transmitting data set
UART status register (Address : 3216)
Transmit complete flag
Transmit buffer empty flag
Write data to high-order address first,
then to low-order address.
UART transmit/receive buffer register 1 (Address : 3416)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com