Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 163Page - Renesas Technology Corp 7643 Datasheet HTML 164Page - Renesas Technology Corp 7643 Datasheet HTML 165Page - Renesas Technology Corp 7643 Datasheet HTML 166Page - Renesas Technology Corp 7643 Datasheet HTML 167Page - Renesas Technology Corp 7643 Datasheet HTML 168Page - Renesas Technology Corp 7643 Datasheet HTML 169Page - Renesas Technology Corp 7643 Datasheet HTML 170Page - Renesas Technology Corp 7643 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 46 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
2.4.4 Transfer bit rate
Table 2.4.1 shows setting examples of the baud rate generator (BRG) values and transfer bit rate values.
The internal clock
φ is selected for the UART clock.
Table 2.4.1 Setting examples of baud rate generator values and transfer bit rate values (
φφφφφ = 12 MHz))
φ/1 (Note 1)
BRG setting Transfer
value
bit rate (bps)
00 (0016)
750,000.0
01 (0116)
375,000.0
02 (0216)
250,000.0
03 (0316)
187,500.0
04 (0416)
150,000.0
05 (0516)
125,000.0
06 (0616)
107,142.9
07 (0716)
93,750.0
08 (0816)
83,333.3
09 (0916)
75,000.0
10 (0A16)
68,181.8
11 (0B16)
65,250.0
12 (0C16)
57,692.3
13 (0D16)
53,571.4
14 (0E16)
50,000.0
15 (0F16)
46,875.0
φ/8 (Note 1)
BRG setting Transfer
value
bit rate (bps)
φ/32 (Note 1)
BRG setting Transfer
value
bit rate (bps)
φ/256 (Note 1)
BRG setting Transfer bit
value
rate (bps)
00 (0016)
93,750.0
01 (0116)
46,875.0
02 (0216)
31,250.0
03 (0316)
23,437.5
04 (0416)
18,750.0
05 (0516)
15,625.0
06 (0616)
13,392.8
07 (0716)
11,718.7
08 (0816)
10,416.6
09 (0916)
9,375.0
10 (0A16)
8,522.7
11 (0B16)
7,812.5
12 (0C16)
7,211.5
13 (0D16)
6,696.4
14 (0E16)
6,250.0
15 (0F16)
5,859.3
00 (0016)
23,437.5
01 (0116)
11,718.7
02 (0216)
7,812.5
03 (0316)
5,859.4
04 (0416)
4,687.5
05 (0516)
3,906.3
06 (0616)
3,348.2
07 (0716)
2,929.7
08 (0816)
2,604.2
09 (0916)
2,343.7
10 (0A16)
2,130.6
11 (0B16)
1,953.1
12 (0C16)
1,802.8
13 (0D16)
1,674.1
14 (0E16)
1,562.5
15 (0F16)
1,464.8
00 (0016)
2,929.7
01 (0116)
1,464.8
02 (0216)
976.6
03 (0316)
732.4
04 (0416)
585.9
05 (0516)
488.3
06 (0616)
418.5
07 (0716)
366.2
08 (0816)
325.5
09 (0916)
292.9
10 (0A16)
266.3
11 (0B16)
244.1
12 (0C16)
225.3
13 (0D16)
209.2
14 (0E16)
195.3
15 (0F16)
183.1
253 (FD16)
11.5
254 (FE16)
11.4
255 (FF16)
11.4
253 (FD16)
2,952.7
254 (FE16)
2,941.1
255 (FF16)
2,929.7
253 (FD16)
369.0
254 (FE16)
367.6
255 (FF16)
366.2
253 (FD16)
92.2
254 (FE16)
91.9
255 (FF16)
91.6
Notes 1: Select the UART clock prescaling with bits 1 and 2 of UART mode register.
2: Equation of transfer bit rate:
✽ : fi is selectable among
φ/1, φ/8, φ/32, and φ/256 with bits 1 and 2 of UART mode register.
Transfer bit rate (bps) =
(BRG setting value + 1) ✕ 16
fi✽



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com