Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 156Page - Renesas Technology Corp 7643 Datasheet HTML 157Page - Renesas Technology Corp 7643 Datasheet HTML 158Page - Renesas Technology Corp 7643 Datasheet HTML 159Page - Renesas Technology Corp 7643 Datasheet HTML 160Page - Renesas Technology Corp 7643 Datasheet HTML 161Page - Renesas Technology Corp 7643 Datasheet HTML 162Page - Renesas Technology Corp 7643 Datasheet HTML 163Page - Renesas Technology Corp 7643 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 39 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.3 Structure of UART control register
UART control register
b7 b6 b5 b4 b3 b2 b1 b0
UART control register
(UCON : address 3316)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0
Receive enable bit (REN)
Transmit interrupt source
select bit (TIS)
CTS function enable bit
(CTS_SEL)
Receive initialization bit
(RIN)
0 : Transmit disabled
1 : Transmit enabled
0 : Receive disabled
1 : Receive enabled
Transmit initialization bit
(TIN)
0 : No action
1 : Initializing (Note 1)
0 : No action
1 : Initializing (Note 2)
0 : CTS function disabled (Note 3)
1 : CTS function enabled
0 : Interrupt when transmit buffer has
emptied
1 : Interrupt when transmit shift operation
is completed
5
0
6
7
0
Transmit enable bit (TEN)
3
0 : RTS function disabled (Note 4)
1 : RTS function enabled
0 : Address mode disabled
1 : Address mode enabled
RTS function enable bit
(RTS_SEL)
UART address mode
enable bit (AME)
Notes 1: When setting the TIN bit to “1”, the TEN bit is set to “0” and the UART status
register will be set to “0316” after the data has been transmitted. To retransmit, set
the TEN bit to “1” and set a data to the transmit buffer register again. The TIN bit
will be cleared to “0” one cycle later after the TIN bit has been set to “1”.
2: Setting the RIN bit to “1” suspends the receiving operation and will set all of the
REN, RBF and the receive error flags (PER, FER, OER, SER) to “0”. The RIN bit
will be cleared to “0” one cycle later after the RIN bit has been set to “1”.
3: When CTS function is disabled (CTS_SEl = “0”), P86 pin can be used as ordinary
I/O ports.
4: When RTS function is disabled (RTS_SEl = “0”), P83 pin can be used as ordinary
I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com