Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 221Page - Renesas Technology Corp 7643 Datasheet HTML 222Page - Renesas Technology Corp 7643 Datasheet HTML 223Page - Renesas Technology Corp 7643 Datasheet HTML 224Page - Renesas Technology Corp 7643 Datasheet HTML 225Page - Renesas Technology Corp 7643 Datasheet HTML 226Page - Renesas Technology Corp 7643 Datasheet HTML 227Page - Renesas Technology Corp 7643 Datasheet HTML 228Page - Renesas Technology Corp 7643 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 104 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.7 Structure of USB control register
USB control register
b7 b6 b5 b4 b3 b2 b1 b0
USB control register
(USBC : address 1316)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
USB line driver current
control bit (USBC3)
USB line driver supply
enable bit (USBC4) (Note 2)
0 : In default state after power-on/reset
1 : In default state after USB reset signal
received (Note 1)
0 : High current mode
1 : Low current mode
0 : Line driver disabled
1 : Line driver enabled
0 : 48 MHz clock to the USB block disabled
1 : 48 MHz clock to the USB block enabled
USB enable bit (USBC7)
0 : USB block disabled (Note 3)
1 : USB block enabled
USB default state selection
bit (USBC1)
USB clock enable bit
(USBC5)
0
0
0
0
Notes 1: Without regard to this bit, USB internal registers (address 005016 to 005F16) go
into the states at reset (default) at the same time when USB reset is detected.
2: When using the MCU in Vcc = 3.3 V, set this bit to “0” and disable the built-in DC-
DC converter.
3: Setting this bit to 0” causes the contents of all USB registers to have the values at
reset.
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for this bit.
Fix this bit to “0”.
2.6.3 Related registers
(1)
USB control register
This register is used for all operation controls performed by the USB function control unit (USB
FCU). USB reset does not affect this register.
q USB default state selection bit
This bit selects the cases in which the USB core state machine ‘state’ (the section that controls
transitions of the USB core state) will return to the default state. However, without regard to this
bit, USB internal registers (addresses 005016 to 005F16) go into the states at reset (default state)
at the same time when USB reset is detected.
When this bit is “0”, the state returns to the default state at power-on/reset.
When this bit is “1”, the state returns to the default state when the USB reset is received
(recommended).
q USB line driver current control bit
This bit is used to reduce the amount of USB dissipation power.
Set to “1” for the suspend state, but always set to “0” for USB control operations.
When using the MCU in Vcc = 3.3V, the value of this bit does not affect USB operations.
q USB line driver supply enable bit
Set this bit to “1” to use the USB built-in DC-DC converter when using the MCU in Vcc = 5V.
The built-in DC-DC converter is disabled when this bit is “0”; therefore, set to “0” when using
the MCU in Vcc = 3.3V.
q USB clock enable bit
Set this bit to “1” to enable the USB clock.
q USB enable bit
Set to “1” to enable the USB function. Make sure you include a 250ns wait after setting the bit
to “1” to read from/write to other USB-related registers.
Figure 2.6.7 shows the structure of USB control related register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com