Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 224Page - Renesas Technology Corp 7643 Datasheet HTML 225Page - Renesas Technology Corp 7643 Datasheet HTML 226Page - Renesas Technology Corp 7643 Datasheet HTML 227Page - Renesas Technology Corp 7643 Datasheet HTML 228Page - Renesas Technology Corp 7643 Datasheet HTML 229Page - Renesas Technology Corp 7643 Datasheet HTML 230Page - Renesas Technology Corp 7643 Datasheet HTML 231Page - Renesas Technology Corp 7643 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 107 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.10 Structure of USB interrupt status register 1
USB interrupt status register 1
b7 b6 b5 b4 b3 b2 b1 b0
USB interrupt status register 1
(USBIS1 : address 5216)
b
0
0
0
0
2
Name
0
Functions
At reset R W
0
0
USB endpoint 1 IN
interrupt status flag
(INTST2)
USB endpoint 1 OUT
interrupt status flag
(INTST3)
0 : Except the following conditions
1 : Set at any one of the following
conditions:
• A packet data of endpoint 0 is
successfully received
• A packet data of endpoint 0 is
successfully sent
• DATA_END bit of endpoint 0 is
cleared to “0”
• FORCE_STALL bit of endpoint 0 is
set to “1”
• SETUP_END bit of endpoint 0 is set
to “1”.
0 : Except the following conditions
1 : Set at which of the following
condition:
• A packet data of endpoint 1 is
successfully sent
USB endpoint 2 IN
interrupt status flag
(INTST4)
0 : Except the following conditions
1 : Set at which of the following
condition:
• A packet data of endpoint 2 is
successfully sent
6
0
USB endpoint 0 interrupt
status flag (INTST0)
Nothing arranged for this bit. Fix this bit to “0”.
Nothing arranged for these bits.
Fix these bits to “0”.
3
1
✽
✽
✽
✽
0 : Except the following conditions
1 : Set at any one of the following
conditions:
• A packet data of endpoint 1 is
successfully received
• FORCE_STALL bit of endpoint 1 is set
to “1”.
0
USB endpoint 2 OUT
interrupt status flag
(INTST5)
5
✽
0
0 : Except the following conditions
1 : Set at any one of the following
conditions:
• A packet data of endpoint 2 is
successfully received
• FORCE_STALL bit of endpoint 2 is set
to “1”.
0
4
0
7
✽: “0” can be set by software, but “1” cannot be set.
To clear the bit set to “1”, write “1” to the bit.
(4)
USB interrupt status registers 1, 2
These registers are used to determine the state of a USB function interrupt source. When an
interrupt request occurs, the flag corresponding to the interrupt source is set to “1”.
After “1” is read from each flag in this register, they are cleared to “0” when the next “1” is written.
This flag is not cleared even if “0” is written. Make sure to write to/read from the USB interrupt
status register 1 first and then USB interrupt status register 2.
Figures 2.6.10 and 2.6.11 show the structures of USB interrupt status registers 1 and 2, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com