Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 226Page - Renesas Technology Corp 7643 Datasheet HTML 227Page - Renesas Technology Corp 7643 Datasheet HTML 228Page - Renesas Technology Corp 7643 Datasheet HTML 229Page - Renesas Technology Corp 7643 Datasheet HTML 230Page - Renesas Technology Corp 7643 Datasheet HTML 231Page - Renesas Technology Corp 7643 Datasheet HTML 232Page - Renesas Technology Corp 7643 Datasheet HTML 233Page - Renesas Technology Corp 7643 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 109 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.12 Structure of USB interrupt enable register 1, USB interrupt enable register 2
1
USB interrupt enable register 1
b7 b6 b5 b4 b3 b2 b1 b0
USB interrupt enable register 1
(USBIE1 : address 5416)
b
0
0
2
4
Name
1
Functions
At reset R W
1
1
1
1
USB endpoint 1 IN interrupt
enable bit (INTEN2)
USB endpoint 1 OUT inter-
rupt enable bit (INTEN3)
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
USB endpoint 2 OUT inter-
rupt enable bit (INTEN5)
5
✕
6
7
✕
USB endpoint 0 interrupt
enable bit (INTEN0)
3
USB endpoint 2 IN interrupt
enable bit (INTEN4)
0 : Disabled
1 : Enabled
0 : Disabled
1 : Enabled
Nothing is arranged for these bits. When these bits are read out, the
contents are undefined. These bits are “0” at write.
Nothing arranged for this bit. Fix this bit to “0”.
1
0
Nothing is arranged for these bits. Fix these bits to “0”.
USB interrupt enable register 2
b7 b6 b5 b4 b3 b2 b1 b0
USB interrupt enable register 2
(USBIE2 : address 5516)
b
0
0
0
1
0
1
2
4
Name
✕
Functions
At reset R W
✕
0
✕
7
0
3
1
Nothing is arranged for this bit. Fix this bit to “1”.
Nothing is arranged for this bit. Fix this bit to “0”.
5
0
6
USB suspend/resume
interrupt enable bit (INTEN15)
0 : Disabled
1 : Enabled
Nothing is arranged for this bit. When this bit is read out, the contents
are undefined. This bit is “0” at write.
Nothing is arranged for this bit. When this bit is read out, the contents
are undefined. This bit is “0” at write.
(5)
USB interrupt enable registers 1, 2
The USB interrupt enable registers are used to enable the USB function interrupt. Upon reset, all
USB interrupts except the USB suspend and USB resume interrupts are enabled.
The USB reset interrupt does not have an enable bit and is always in the enabled state.
Figures 2.6.12 shows the structures of USB interrupt enable registers 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com