Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 229Page - Renesas Technology Corp 7643 Datasheet HTML 230Page - Renesas Technology Corp 7643 Datasheet HTML 231Page - Renesas Technology Corp 7643 Datasheet HTML 232Page - Renesas Technology Corp 7643 Datasheet HTML 233Page - Renesas Technology Corp 7643 Datasheet HTML 234Page - Renesas Technology Corp 7643 Datasheet HTML 235Page - Renesas Technology Corp 7643 Datasheet HTML 236Page - Renesas Technology Corp 7643 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 112 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
q SETUP_END flag
During a control transfer, if the process is terminated before the number of data bytes, as set
in the data stage process, is completed, the SETUP_END flag will go to “1”.
Clear the SETUP_END flag to “0” by setting the SERVICED_SETUP_END bit to “1”.
When this flag is set to “1”, you need to disable the access to the FIFO and execute the setup
process before it.
When this flag is set to “1”, the data in the IN FIFO is automatically flushed out.
If this flag and the OUT_PKT_RDY flag are set to “1” at the same time, it indicates that the
previous setup process has been completed and there is a new SETUP token in the FIFO.
q SERVICED_OUT_PKT_RDY bit
Setting this bit to “1” clears the OUT_PKT_RDY flag to “0”.
q SERVICED_SETUP_END bit
Setting this bit to “1” clears the SETUP_END flag to “0”.
Figure 2.6.14 shows the structure of the USB endpoint x (x = 0 to 2) IN control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com