Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 233Page - Renesas Technology Corp 7643 Datasheet HTML 234Page - Renesas Technology Corp 7643 Datasheet HTML 235Page - Renesas Technology Corp 7643 Datasheet HTML 236Page - Renesas Technology Corp 7643 Datasheet HTML 237Page - Renesas Technology Corp 7643 Datasheet HTML 238Page - Renesas Technology Corp 7643 Datasheet HTML 239Page - Renesas Technology Corp 7643 Datasheet HTML 240Page - Renesas Technology Corp 7643 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 116 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
(9)
USB endpoint x (x = 1, 2) OUT control registers
When using endpoint 0, these registers are the reserved registers and cannot be assigned to any
function.
q OUT_PKT_RDY flag
This flag is set to “1” when a data receive from the host CPU is completed. Clear the flag to
“0” after the data is read from the OUT FIFO. This flag is automatically cleared to “0” when the
AUTO_CLR bit is “1”. To avoid internal Read pointer malfunction, do not clear the flag to “0” until
reading out one packet of data from the host is completed. The value of the USB endpoint x
OUT write count register is updated when this flag is cleared.
When two or more data packets are written to the OUT FIFO in the double-buffer mode, the flag
is set to “0” if “0” is written to it after one packet of data is read, but returns to “1” after 83ns
(Vcc = 5V, f(XIN) = 24MHz).
USB operations are not affected by writing “1” to this flag. Write “1” to the OUT_PKT_RDY flag
to access it.
q SEND_STALL bit
Set this bit to “1” in the STALL state. When this bit is “1”, the USB FCU sends a STALL
handshake signal to the host CPU.
q TOGGLE_INIT bit
This bit initializes the toggle sequence bit.
Setting the TOGGLE_INIT bit to “1” assigns the PID of the next packet received from the host
as DATA0. To initialize the data toggle sequence bit of an endpoint (reset the next data packet
as DATA0), set this bit to “1” and then clear it to “0”.
q FORCE_STALL flag
This flag is set to “1” when data received from the host CPU is larger than the max. OUT packet
size. The USB FCU then sends a STALL handshake signal to the host CPU. Write “0” to this
flag to clear it.
q FLUSH bit
Set this bit to “1” to erase the data in the OUT FIFO. When there are two or more packets of
data in the OUT FIFO, the old data will be erased. Setting this bit to “1” during a transfer may
cause the receive data to be erased. When setting the OUT_PKT_RDY flag to “1”, also set this
bit to “1”.
q AUTO_CLR bit
When this bit is “1” and the size of the data read from the OUT FIFO matches that of the
received OUT packet, the OUT_PKT_RDY flag is automatically cleared to “0”.
Figure 2.6.15 shows the structure of the USB endpoint x (x = 1, 2) OUT control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com