Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 235Page - Renesas Technology Corp 7643 Datasheet HTML 236Page - Renesas Technology Corp 7643 Datasheet HTML 237Page - Renesas Technology Corp 7643 Datasheet HTML 238Page - Renesas Technology Corp 7643 Datasheet HTML 239Page - Renesas Technology Corp 7643 Datasheet HTML 240Page - Renesas Technology Corp 7643 Datasheet HTML 241Page - Renesas Technology Corp 7643 Datasheet HTML 242Page - Renesas Technology Corp 7643 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 118 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.16 Structure of USB endpoint x (x=0 to 2) IN max. packet size register
USB endpoint x IN max. packet size register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint x IN max. packet size register
(IN_MAXP: address 5B16)
b
0
(Note)
Functions
At reset R W
1
(Note)
2
(Note)
3
(Note)
4
(Note)
5
(Note)
6
(Note)
7
(Note)
The maximum packet size (MAXP) of endpoint x IN is contained.
qMAXP = n for endpoints 0, 2
qMAXP = n ✕ 8 for endpoint 1
“n” is a written value into this register.
Note: The value is “0116” in the endpoint 1 used.
The value is “0816” in the endpoint 0 or 2 used.
(10) USB endpoint x (x = 0 to 2) IN max. packet size register
This register specifies the maximum packet size (MAXP) of an endpoint x (x = 0 to 2) IN packet.
Modify the contents of this register when the SET_DESCRIPTOR command is received from the
host CPU. The IN maximum packet sizes (MAXP) are as follows:
- When using endpoints 0, 2: MAXP = n
- When using endpoint 1: MAXP = n*8 (n: the value set in this register)
When not using this register, clear “0” to this register.
Figure 2.6.16 shows the structure of the USB endpoinx (x = 0 to 2) IN max. packet size register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com