Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 239Page - Renesas Technology Corp 7643 Datasheet HTML 240Page - Renesas Technology Corp 7643 Datasheet HTML 241Page - Renesas Technology Corp 7643 Datasheet HTML 242Page - Renesas Technology Corp 7643 Datasheet HTML 243Page - Renesas Technology Corp 7643 Datasheet HTML 244Page - Renesas Technology Corp 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp 7643 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 122 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.21 Structure of clock control register
Clock control register
b7 b6 b5 b4 b3 b2 b1 b0
Clock control register
(CCR : address 1F16)
b
0
0
0
0
0
Name
0
Functions
At reset R W
0
0
0
0
0
0
0 : XCOUT oscillation drive is enabled.
(When XCIN oscillation is enabled.)
1 : XCOUT oscillation drive is disabled.
5
6
7
XCOUT oscillation drive
disable bit (CCR5)
0 : XOUT oscillation drive is enabled.
(When XIN oscillation is enabled.)
1 : XOUT oscillation drive is disabled.
XOUT oscillation drive
disable bit (CCR6)
XIN divider select bit
(CCR7) (Note)
3
0
1
2
4
Note: This bit is valid when (b7, b6 of CPMA) = “00”.
0 : f(XIN)/2 is used for the system clock.
1 : f(XIN) is used for the system clock.
0
Nothing is arranged for these bits.
Fix these bits to “0”.
(15) Clock control register
This register controls all oscillators.
The XIN divider select bit is valid when CPMA6 and CPMA7 = “00”
When “0”: f(XIN)/4 is the internal
φ clock.
When “1”: f(XIN)/2 is the internal
φ clock.
Note that this bit is cleared to “0” by execution of the STP instruction.
Figure 2.6.21 shows the structure of the clock control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com