Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 240Page - Renesas Technology Corp 7643 Datasheet HTML 241Page - Renesas Technology Corp 7643 Datasheet HTML 242Page - Renesas Technology Corp 7643 Datasheet HTML 243Page - Renesas Technology Corp 7643 Datasheet HTML 244Page - Renesas Technology Corp 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp 7643 Datasheet HTML 247Page - Renesas Technology Corp 7643 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 123 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.22 Structure of frequency synthesizer control register
Frequency synthesizer control register
b7 b6 b5 b4 b3 b2 b1 b0
Frequency synthesizer control register
(FSC : address 6C16)
b
0
0
0
0
1
2
Name
0
Functions
At reset R W
0
0
0
1
1
Frequency synthesizer
input bit (FIN)
LPF current control bit
(CHG1, CHG0) (Note)
0 : Disabled
1 : Enabled
0 : f(XIN)
1 : f(XCIN)
5
6
7
0
Frequency synthesizer
lock status bit
0 : Unlocked
1 : Locked
0
Frequency synthesizer
enable bit (FSE)
Nothing is arranged for this bit.
Fix this bit to “0”.
Nothing is arranged for these bits.
Fix these bits to “0”.
3
4
b1b0
0 0 : Not available
0 1 : Low current
1 0 : Intermediate current (recommended)
1 1 : High current
Note: Bits 6 and 5 are set to (bit 6, bit 5) = (1, 1) at reset.
When using the frequency synthesizer, we recommend to set to (bit 6, bit 5) = (1, 0) after
locking the frequency synthesizer.
(16) Frequency synthesizer control register
This register performs all controls related to the frequency synthesizer, which generates fUSB and
fSYN from f(XIN).
q Frequency synthesizer enable bit
Set this bit to “1” to use the frequency synthesizer.
q Frequency synthesizer input bit
When this bit is “0”, f(XIN) is used as the frequency synthesizer input.
When “1”, f(XCIN) is used.
q LPF current control bit
Bits 6 and 5 = “11” when reset is released.
To use the frequency synthesizer, make sure to specify bits 6 and 5 to “10” after the frequency
synthesizer is locked.
q Frequency synthesizer lock status bit
When this bit is set to “1”, it indicates that both fSYN and fVCO have stabilized.
Figure 2.6.22 shows the structure of the frequency synthesizer control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com