Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 241Page - Renesas Technology Corp 7643 Datasheet HTML 242Page - Renesas Technology Corp 7643 Datasheet HTML 243Page - Renesas Technology Corp 7643 Datasheet HTML 244Page - Renesas Technology Corp 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp 7643 Datasheet HTML 247Page - Renesas Technology Corp 7643 Datasheet HTML 248Page - Renesas Technology Corp 7643 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 124 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
2.6.4 USB transmit
Endpoint 0 to endpoint 2 have IN (transmit) FIFOs individually.
Each endpoint’s FIFO is configured in following way:
Endpoint 0: 16-byte
Endpoint 1: 128-byte
Endpoint 2: Mode 0: 32-byte
Mode 1: 128-byte
When endpoint 2 is used, the IN FIFO size differs according to the mode.
To select the mode, use the USB endpoint FIFO mode register (address 005F16).
USB transmit data is written to the USB endpoint x (x = 0 to 2) FIFO (addresses 006016 to 006216). When
data is written to this register, the internal Write pointer is automatically incremented by 1. The contents
of the internal Write pointer cannot be read out, and the contents of the FIFO are undefined at reset.
q When using endpoint 0
Set the IN_PKT_RDY bit to “1” after writing transmit data to the IN FIFO. The IN_PKT_RDY bit
is set to “0” automatically after one packet of data is transmitted or when the SETUP_END flag
is set to “1”.
When using endpoint 0, set the DATA_END bit to “1” when the last data packet has been written
to the IN FIFO. When the DATA_END bit is set to “1”, the USB FCU will go on to the next phase
process and clear the bit to “0”.
q When using endpoints 1, 2
When max. packet size is greater than 1/2 (single buffer)
- When AUTO_SET bit = “1”
The IN_PKT_RDY bit (and TX_NOT_EPT flag) is automatically set to “1” when the number of
bytes of data written to the IN FIFO equals the value set in the endpoint x IN max. packet size
register (address 005B16).
- When AUTO_SET bit = “0” or when a short packet (smaller than max. packet size) is transferred
Set the IN_PKT_RDY bit to “1” by software.
When max. packet size is less than or equal to 1/2 (double buffer)
Set the IN_PKT_RDY bit to “1” by software after one packet has been written to the IN FIFO.
When one packet data is set in the IN FIFO and there is only one packet stored in the IN FIFO,
the IN_PKT_RDY bit is set to “1”. However, it is cleared after 83ns (when f(XIN) = 24MHz, Vcc
= 5 V), and the TX_NOT_EPT flag then is set to “1”. If there are already two packets in the IN
FIFO (IN FIFO full), both the IN_PKT_RDY bit and the TX_NOT_EPT flag are set to “1”.
In the single-buffer mode, the IN_PKT_RDY bit and the TX_NOT_EPT flag will be automatically cleared
to “0” after completion of the transmission.
In the double-buffer mode, if there is no data in the IN FIFO, the IN_PKT_RDY bit and the TX_NOT_EPT
flag will be automatically cleared to “0” after completion of the transmission. If there is one packet data
already in the IN FIFO, the IN_PKT_RDY bit will be set to “0” after completion of the transmission, but
the TX_NOT_EPT flag will remain at “1”.
The USB transmit default mode is the bulk transfer.
To use any other transfer mode, the user needs to initialize the corresponding endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com