Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp 7643 Datasheet HTML 247Page - Renesas Technology Corp 7643 Datasheet HTML 248Page - Renesas Technology Corp 7643 Datasheet HTML 249Page - Renesas Technology Corp 7643 Datasheet HTML 250Page - Renesas Technology Corp 7643 Datasheet HTML 251Page - Renesas Technology Corp 7643 Datasheet HTML 252Page - Renesas Technology Corp 7643 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 128 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.23 Frequency synthesizer connection and setting of division ratios
f(XIN)
24MHz
FSM1
FSD
48MHz
1/1
1/2
Invalid
FSM2
FSM1 : Frequency synthesizer multiply register 1
FSM2 : Frequency synthesizer multiply register 2
FSD : Frequency synthesizer divide register
(FF16)(0016)
fPIN
fVCO
fUSB
(25516)
fSYN
2.6.7 Application example
The following are several 7643 Group application examples showing the control procedure for performing
USB controls.
(1)
Application example 1: Initialization of USB function control unit
Outline: Initialization the USB function control unit (USB FCU) is performed.
Specification: - To generate the 48MHz required for fUSB, the frequency synthesizer is used.
- USB FCU is enabled.
- Each endpoint is initialized.
Endpoint 0: Control transfer
Endpoint 1: Bulk transfer
Endpoint 2: Bulk transfer
This is an example when the MCU is operating at Vcc = 5V.
The following settings are required when using Vcc = 3V.
q Set the USB line driver supply enable bit (USB control register, bit 4) to “0” to disable the DC-
DC converter.
q Set
φ to 6MHz or less.
When f(XIN) = 24MHz, clear bit 7 of the clock control register (XIN divider select bit) to “0”.
Figure 2.6.23 shows the division settings of the frequency synthesizer, Figures 2.6.24 to 2.6.26
show related register settings, and Figures 2.6.27 to 2.6.29 show control procedure examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com