Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 242Page - Renesas Technology Corp 7643 Datasheet HTML 243Page - Renesas Technology Corp 7643 Datasheet HTML 244Page - Renesas Technology Corp 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp 7643 Datasheet HTML 247Page - Renesas Technology Corp 7643 Datasheet HTML 248Page - Renesas Technology Corp 7643 Datasheet HTML 249Page - Renesas Technology Corp 7643 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 125 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
(1)
Interrupt transfer
Endpoints 1 to 2 can be used in interrupt transfer mode. During a regular interrupt transfer, an
interrupt transaction is similar to the bulk transfer. Therefore, there is no special setting required.
When IN-endpoint is used for a rate feedback interrupt transfer, INTPT bit of the IN_CSR register
must be set to “1”. The following steps show how to configure the IN-endpoint for the rate feedback
interrupt transfer.
1. Set a value which is larger than 1/2 of the USB endpoint-x FIFO size to the USB endpoint x
IN max. package size register.
2. Set INTPT bit to “1”.
3. Flush the old data in the FIFO.
4. Store transmission data to the IN FIFO and set the IN_PKT_RDY bit to “1”.
5. Repeat steps 3 and 4.
In a real application, the function-side always has transfer data when the function sends an
endpoint in a rate feedback interrupt. Accordingly, the USB FCU never returns a NAK against the
host IN token for the rate feedback interrupt. The USB FCU always transmits data in the FIFO in
response to an IN token, regardless of IN_PKT_RDY. However, this premises that there is always
an ACK response from Host PC after the 7643 Group has transmitted data to IN token.
(2)
Usage notes concerning data transmit
Usage notes concerning IN FIFO
Determine the number of data packets in the IN FIFO by the value of the IN_PKT_RDY bit and
the TX_NOT_EPT flag. Erase the contents of the USB endpoint x IN FIFO by setting the FLUSH
bit to “1”. This will also modify the state of the IN_PKT_RDY bit and the TX_NOT_EPT flag.
If there are two packets in the FIFO, the older packet will be erased.
Table 2.6.2 shows the states of the IN FIFO.
Table 2.6.2 IN FIFO States
IN_PKT_RDY
0
0
1
1
TX_NOT_EMP
0
1
0
1
IN FIFO States
No data packet
1 data packet (max. packet size
≤ 1/2 IN FIFO size)
In valid if max. packet size > 1/2 size
Invalid
1 data packet (max. packet size > 1/2 size)
2 data packets (max. packet size
≤ 1/2 IN FIFO size)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com