Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 244Page - Renesas Technology Corp 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp 7643 Datasheet HTML 247Page - Renesas Technology Corp 7643 Datasheet HTML 248Page - Renesas Technology Corp 7643 Datasheet HTML 249Page - Renesas Technology Corp 7643 Datasheet HTML 250Page - Renesas Technology Corp 7643 Datasheet HTML 251Page - Renesas Technology Corp 7643 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 127 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
2.6.6 USB interrupts
(1)
USB function interrupt
The USB function interrupts is used for data flow control as well as USB power management. In
order to use a USB function interrupt, set the Interrupt disable flag (I) to “0” and USB function
interrupt enable bit of interrupt control register A (address 000516, bit 0) to “1”. In addition, set all
bits corresponding to USB interrupt enable register 1 (address 005416) and USB interrupt enable
register 2 (address 005516).
Endpoint x IN interrupt, endpoint x OUT interrupt
An interrupt request occurs when the following flag is set to “1”.
USB endpoint x IN/OUT interrupt status flag of USB interrupt status register 1 or 2 (addresses
005216, 005316)
Endpoints 1 and 2 have two interrupt status bits (IN and OUT) each and endpoint 0 has one
interrupt status bit. Each interrupt status flag is set to “1” under any of the following conditions.
- USB endpoint 0 interrupt status flag (INTST0) (when using endpoint 0)
Endpoint 0: one packet successfully received, or
Endpoint 0: one packet successfully transmitted, or
DATA_END bit is “0”, or
FORCE_STALL flag is “1”, or
SETUP_END flag is “1”.
- USB endpoint x (x = 1, 2) IN interrupt status flag (INTST2, 4) (when using endpoints 1, 2):
Endpoint x (x = 1, 2): one packet data successfully transmitted
- USB endpoint x (x = 1, 2) OUT interrupt status flag (INTST3, 5) (when using endpoints 1, 2):
Endpoint x (x = 1, 2): one packet data successfully received, or
FORCE_STALL flag is “1”.
q Reset interrupt
An interrupt request occurs when the USB reset interrupt status flag of USB interrupt status
register 2 (005316) is “1”. The USB reset interrupt status flag is set to “1” when the USB FCU
detects SE0 for a period of 2.5 ms on the D+/D- line by the USB FCU.
At USB reset, all USB internal registers (addresses 005016 to 005F16) bits, excluding this bit, are
initialized. Initialize each endpoint when new data transfer is received from the host CPU.
q Resume signal interrupt
An interrupt request occurs when the USB resume signal interrupt status flag of the USB
interrupt status register 2 (address 005316) is “1”.
The USB resume signal interrupt status flag is set to “1” if a non-idle signal is detected on the
D+/D- line when the USB FCU is in the suspend mode. Also, the USB resume signal interrupt
status flag is set to “1” even when the MCU returns from the suspend mode by a remote wake-
up (INT interrupt, etc.) and the USB remote wake-up bit is set to “1”.
q Suspend signal interrupt
An interrupt request occurs when the USB suspend signal interrupt status flag of the USB
interrupt status register 2 (address 005316) is “1”.
This flag is set to “1” if no activity is detected on the D+/D- line for a period of 3ms.
The MCU returns from the suspend state with a USB resume interrupt or remote wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com