Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 238Page - Renesas Technology Corp 7643 Datasheet HTML 239Page - Renesas Technology Corp 7643 Datasheet HTML 240Page - Renesas Technology Corp 7643 Datasheet HTML 241Page - Renesas Technology Corp 7643 Datasheet HTML 242Page - Renesas Technology Corp 7643 Datasheet HTML 243Page - Renesas Technology Corp 7643 Datasheet HTML 244Page - Renesas Technology Corp 7643 Datasheet HTML 245Page - Renesas Technology Corp 7643 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 121 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.19 Structure of USB endpoint x (x=0 to 2) FIFO register
Fig. 2.6.20 Structure of USB endpoint FIFO mode register
USB endpoint x FIFO register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint x (x=0 to 2) FIFO register
(USBFIFOx: addresses 6016, 6116, 6216)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
qThis is Endpoint x IN/OUT FIFO.
qWrite a data to be transmitted into this IN FIFO.
qRead a received data from this OUT FIFO.
USB endpoint FIFO mode register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint FIFO mode register
(USBFIFOMR : address 5F16)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
For endpoint 1
b3b2b1b0
✕ 0 0 0 : IN 128-byte, OUT 128-byte
For endpoint 2
b3b2b1b0
0 ✕ ✕ ✕ : IN 32-byte, OUT 32-byte
1 ✕ ✕ ✕ : IN 128-byte, OUT 128-byte
FIFO size selection bit
(Note)
0
0
0
0
3
4
5
6
7
Note: The value set into “x” is invalid.
Nothing is arranged for these bits. When these bits are read out, the
contents are undefined. These bits are “0” at write.
(13) USB endpoint x (x = 0 to 2) FIFO register
These registers are the USB IN (transmit) and OUT (receive). Write data to the corresponding
register, and read data from the corresponding register. When the maximum packet size is equal
to or less than 1/2 the FIFO size, these registers function in double buffer mode and can hold two
packets of data.
Figure 2.6.19 shows the structure of the USB endpoint x (x = 0 to 2) FIFO register.
(14) USB endpoint FIFO mode register
This register determines the IN/OUT FIFO size mode for endpoint 1 or endpoint 2.
Figure 2.6.20 shows the structure of the USB endpoint x FIFO mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com