Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 223Page - Renesas Technology Corp 7643 Datasheet HTML 224Page - Renesas Technology Corp 7643 Datasheet HTML 225Page - Renesas Technology Corp 7643 Datasheet HTML 226Page - Renesas Technology Corp 7643 Datasheet HTML 227Page - Renesas Technology Corp 7643 Datasheet HTML 228Page - Renesas Technology Corp 7643 Datasheet HTML 229Page - Renesas Technology Corp 7643 Datasheet HTML 230Page - Renesas Technology Corp 7643 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 106 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.9 Structure of USB power management register
USB power management register
b7 b6 b5 b4 b3 b2 b1 b0
USB power management register
(USBPM : address 5116)
b
0
00
00
0
1
2
Name
0
Functions
At reset R W
0
0
0
0
USB resume detection flag
(RESUME)
0 : No USB suspend detected
1 : USB suspend detected (Note 1)
0 : No USB resume signal detected
1 : USB resume signal detected
0
7
0
0
USB suspend detection
flag (SUSPEND)
Nothing arranged for these bits. Fix these bits to
3
0 : End of remote resume signal
1 : Transmitting of remote resume signal
(only when SUSPEND = “1”) (Note 2)
USB remote wake-up bit
(WAKEUP)
4
5
✕
✕
6
Notes 1: This bit is cleared when the WAKEUP bit is “1”.
2: When the SUSPEND bit is “1”, set this bit to “1” and keep “1” for 10 ms to 15 ms.
(3)
USB power management register
This register is used for power management in the USB FCU.
q USB suspend detection flag
If no activity is detected on the D+/D- line for a period of 3ms, this flag is set to “1” and a USB
suspend interrupt occurs.
When the USB resume detection flag is set to “1” after the MCU returns from the USB suspend
state by a USB resume interrupt, the USB suspend detection flag is automatically cleared to “0”.
Even if the USB remote wake-up bit is cleared to “0” after the MCU returns from the suspend
state by a remote wake-up (USB remote wake-up bit set to “1”), the suspend detection flag is
not automatically cleared to “0”. Clear this flag to “0” by software.
q USB resume detection flag
When a non-idle signal is detected on the D+/D- line in the suspend mode, this flag is set to
“1” and a USB resume interrupt occurs. This flag is cleared to “0” when the USB resume signal
interrupt status flag of USB interrupt status register 2 is cleared to “0”.
q USB remote wake-up bit
Set this bit to “1” after the MCU returns from the USB suspend state by a remote wake-up (INT
interrupt, etc.). While this bit is “1”, the USB FCU sends a resume signal to the host CPU,
informing it of the return from the suspend state. Clear the bit to “0” after holding it at “1” for
10ms to 15ms.
Figure 2.6.9 shows the structure of the USB power management register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com