Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 255Page - Renesas Technology Corp 7643 Datasheet HTML 256Page - Renesas Technology Corp 7643 Datasheet HTML 257Page - Renesas Technology Corp 7643 Datasheet HTML 258Page - Renesas Technology Corp 7643 Datasheet HTML 259Page - Renesas Technology Corp 7643 Datasheet HTML 260Page - Renesas Technology Corp 7643 Datasheet HTML 261Page - Renesas Technology Corp 7643 Datasheet HTML 262Page - Renesas Technology Corp 7643 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 138 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.33 Control procedure (USB endpoint 1 OUT interrupt routine)
USBINDEX
0116
(Address : 5816)
USB endpoint 1 OUT interrupt routine
• Check of OUT_PKT_RDY flag.
• Endpoint 1
OUT_CSR (Address : 5A16),bit0?
0
1
WRT_CNT
(RAM_CNT)
(Address : 5D16)
• Push number of receive data to RAM_CNT (1 byte)
• RAM_CNT: User defined RAM
OUT_PKT_RDY flag cleared
RTS
USBFIFO1
(RAM_DATA)
(Address : 6116)
• Reading data from number of receive data (RAM_CNT) FIFO
• RAM_DATA: User defined RAM
Definition of RAM_DATA according to the required number of bytes.
(RAM_CNT)=“0”?
(RAM_CNT) – 1
N
Y
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Notes 1: This is executed when index X mode flag is used.
2: This is executed when decimal mode flag is used.
• Push registers used in the interrupt routine
Pop registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com