Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 258Page - Renesas Technology Corp 7643 Datasheet HTML 259Page - Renesas Technology Corp 7643 Datasheet HTML 260Page - Renesas Technology Corp 7643 Datasheet HTML 261Page - Renesas Technology Corp 7643 Datasheet HTML 262Page - Renesas Technology Corp 7643 Datasheet HTML 263Page - Renesas Technology Corp 7643 Datasheet HTML 264Page - Renesas Technology Corp 7643 Datasheet HTML 265Page - Renesas Technology Corp 7643 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 141 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
(5)
Application example 5: USB function interrupt routine
Outline: The following interrupts are assigned to the same vector.
- USB endpoint 0 interrupt
- USB endpoint x (x=1, 2) IN interrupt
- USB endpoint x (x=1, 2) OUT interrupt
- USB reset interrupt
- USB suspend interrupt
- USB resume interrupt
Make all of the following settings in order to enable the interrupts.
- Set USB function interrupt enable bit of interrupt control register A to “1”.
- Set the bits corresponding to USB interrupt enable registers 1 and 2 to “1”.
- Set the interrupt disable flag (I) to “0”.
Each interrupt is determined according to the contents of USB interrupt status registers
1 and 2 in the USB function interrupt routine. When “1”, the corresponding process
routine is executed.
The USB reset interrupt does not have a specified enable bit and is always in the enabled
state.
Figure 2.6.37 shows the related register settings and Figure 2.6.38 shows a control
procedure example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com