Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 260Page - Renesas Technology Corp 7643 Datasheet HTML 261Page - Renesas Technology Corp 7643 Datasheet HTML 262Page - Renesas Technology Corp 7643 Datasheet HTML 263Page - Renesas Technology Corp 7643 Datasheet HTML 264Page - Renesas Technology Corp 7643 Datasheet HTML 265Page - Renesas Technology Corp 7643 Datasheet HTML 266Page - Renesas Technology Corp 7643 Datasheet HTML 267Page - Renesas Technology Corp 7643 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 143 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.38 Control procedure (USB function interrupt routine)
USB function interrupt routine
RAM1
RAM2
(Address 5216) ?
(Address 5316) ?
RTI
Push registers to stack
Pop registers
USB endpoint x
IN interrupt routine
RAM1,bit0=1 or
RAM1,bit2=1 or
RAM1,bit4=1
RAM1,bit1=1 or
RAM1,bit3=1
USB endpoint x
OUT interrupt routine
RAM2,bit5=1
USB reset
interrupt routine
RAM2,bit6=1
USB resume
interrupt routine
RAM2,bit7=1
USB suspend
interrupt routine
• In the initial setting routine, enable each interrupt by ICONA (address 000516),
USBIE1 (address 005416) and USBIE2 (address 005516).
• USB interrupt status registers 1 and 2 cleared
Set “1” again to the corresponding bits of USBIS1, USBIS2 to clear these bits.
Read and push in the following order;
USBIS1
→ RAM1, USBIS2 → RAM2
Write in the following order;
RAM1
→ USBIS1, RAM2 → USBIS2 (Note 1)
Note 1: When the USB block is enabled (USBC7=1) and USB clock is enabled
(USBC5=1), writing to USB related registers (address 005016 to 006216)
except USBC can be enabled.
In the case of the resume interrupt, clear the USB resume signal interrupt
status flag in the USB resume interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com