Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 263Page - Renesas Technology Corp 7643 Datasheet HTML 264Page - Renesas Technology Corp 7643 Datasheet HTML 265Page - Renesas Technology Corp 7643 Datasheet HTML 266Page - Renesas Technology Corp 7643 Datasheet HTML 267Page - Renesas Technology Corp 7643 Datasheet HTML 268Page - Renesas Technology Corp 7643 Datasheet HTML 269Page - Renesas Technology Corp 7643 Datasheet HTML 270Page - Renesas Technology Corp 7643 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 146 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.41 Register setting (USB resume interrupt)
USB resume signal interrupt status flag
USB interrupt status register 2 (Address : 5316)
USBIS2
b0
b7
Frequency synthesizer control register (Address : 6C16)
FSC
0
b0
b7
1
00 001
USB control register (Address : 1316)
USBC
b0
b7
01
0
0
0
1
Clock control register (Address : 1F16)
CCR
1
b0
b7
1
System clock : f(XIN) (Note 1)
00 000
0
Notes 1: When using the MCU in Vcc=3.3 V, set
φ to 6 MHz
(when using the MCU in Vcc=3 V and f(XIN)=24 MHz, clear bit 7 of CCR to “0”.)
2: When using the MCU in Vcc = 3.3 V, clear bit 4 of USBC to “0” and
disable the built-in DC-DC converter.
USB line driver current control : High
USB line driver : enabled (Note 2)
USB clock disabled: USB clock turns to be enabled after setting frequency synthesizer.
USB function control unit : enabled
Frequency synthesizer : enabled
Frequency synthesizer input : f(XIN)
LPF current control bit : (intermediate current)
Frequency synthesizer lock status bit
(7)
Application example 7: USB resume interrupt
Outline: Perform the resume process when the USB resume signal interrupt status flag is “1” in
the USB function interrupt routine.
Set the USB function interrupt enable bit to “1” (enabled).
This is an example when the MCU is operating at Vcc = 5V.
The following settings are required when using Vcc = 3V.
q Set USB line driver supply select bit (USB control register, bit 4) to “0” to disable the DC-DC
converter.
q Set
φ to 6MHz or less.
When f(XIN) = 24MHz, set bit 7 of the clock control register (XIN divider select bit) to “0”.
Figure 2.6.41 shows the related register settings and Figure 2.6.42 shows a control procedure
example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com