Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 261Page - Renesas Technology Corp 7643 Datasheet HTML 262Page - Renesas Technology Corp 7643 Datasheet HTML 263Page - Renesas Technology Corp 7643 Datasheet HTML 264Page - Renesas Technology Corp 7643 Datasheet HTML 265Page - Renesas Technology Corp 7643 Datasheet HTML 266Page - Renesas Technology Corp 7643 Datasheet HTML 267Page - Renesas Technology Corp 7643 Datasheet HTML 268Page - Renesas Technology Corp 7643 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 144 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.39 Register setting (USB suspend interrupt)
USB suspend signal interrupt status flag
USB interrupt status register 2 (Address : 5316)
USBIS2
b0
b7
USB control register (Address : 1316)
USBC
b0
b7
Frequency synthesizer control register (Address : 6C16)
FSC
b0
b7
0
1
01
1
Timer 1 interrupt : enabled
Timer 2 interrupt : enabled
Interrupt control register B (Address : 0616)
ICONB
b0
b7
0
0
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Interrupt request register B (Address : 0316)
IREQB
b0
b7
0 0
Note: When using the MCU in Vcc = 3 V, clear bit 4 of USBC to “0” and
disable the built-in DC-DC converter.
Frequency synthesizer : disabled
(Set this to be enabled when returning from suspend state)
USB line driver current control : Low
(Set USB line driver current to High when returning from suspend state)
USB line driver : enabled (Note)
USB clock disabled
USB function control unit : enabled
(6)
Application example 6: USB suspend interrupt
Outline: Execute the suspend mode process routine when the USB suspend signal interrupt status
flag is “1” in the USB function interrupt routine.
Set the USB function interrupt enable bit and the USB suspend/resume interrupt enable
bit to “1” (enabled).
Before executing the STP instruction, clear all bits of USB interrupt status registers 1 and
2.
In addition, when an interrupt process is not used to transition to the suspend mode, be
sure to set the USB function interrupt enable bit to “1” and clear the USB function
interrupt request bit to “0” before executing the STP instruction.
Figure 2.6.39 shows the related register settings and Figure 2.6.40 shows a control procedure
example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com