Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 256Page - Renesas Technology Corp 7643 Datasheet HTML 257Page - Renesas Technology Corp 7643 Datasheet HTML 258Page - Renesas Technology Corp 7643 Datasheet HTML 259Page - Renesas Technology Corp 7643 Datasheet HTML 260Page - Renesas Technology Corp 7643 Datasheet HTML 261Page - Renesas Technology Corp 7643 Datasheet HTML 262Page - Renesas Technology Corp 7643 Datasheet HTML 263Page - Renesas Technology Corp 7643 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 139 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.34 Structure of SET_ADDRESS request
Fig. 2.6.35 Register setting (processing when SET_ADDRESS is received)
bmRequestType
bRequest
wValue
windex
wlength
00000000B
SET_ADDRESS
(Code: 0516)
Device • address
00
Low-
order
High-
order
0 byte
7th byte
Endpoint 0 IN/OUT FIFO register
USB endpoint 0 FIFO (Address : 6016)
USBFIFO0
b0
b7
USB endpoint index register (Address : 5816)
USBINDEX
b0
b7
USB endpoint 0 IN control register (Address : 5916)
IN_CSR
b0
b7
0
0
This register maintains the 7-bit USB function control unit address
USB address register (Address : 5016)
USBA
b0
b7
0
OUT_PKT_RDY flag
SERVICED_SETUP_END bit
Endpoint index: Endpoint 0
(4)
Application example 4: Standard device • request (SET_ADDRESS) receive
Outline: M37643 performs enumeration process after USB cable connection.
The USB endpoint 0 interrupt occurs when data is received successfully from the host
CPU in an endpoint 0 control transfer. Whether the data was received in the setup stage
or the data stage is not determined by hardware. The user needs to determine the
received data by software and execute the process in an interrupt routine accordingly.
For details on the data configuration of the standard device request, refer to the Full-
Speed USB 2.0 specification.
The process at a SET_ADDRESS receive is shown as a control example.
The SET_ADDRESS request for the address setting is received from the host CPU, and it is set
in the USB address register (address 005016). The USB FCU uses this address for all subsequent
device accesses. A standard device request comprises 8 bytes.
Figure 2.6.34 shows the structure of the SET_ADDRESS request, Figure 2.6.35 shows the related
register settings, and Figure 2.6.36 shows a control procedure example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com