Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 288Page - Renesas Technology Corp 7643 Datasheet HTML 289Page - Renesas Technology Corp 7643 Datasheet HTML 290Page - Renesas Technology Corp 7643 Datasheet HTML 291Page - Renesas Technology Corp 7643 Datasheet HTML 292Page - Renesas Technology Corp 7643 Datasheet HTML 293Page - Renesas Technology Corp 7643 Datasheet HTML 294Page - Renesas Technology Corp 7643 Datasheet HTML 295Page - Renesas Technology Corp 7643 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 171 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.7 PLL
2.7.3 Functional description
The frequency synthesizer generates the 48 MHz clock required by fUSB and fSYN, which are multiples of
the external input reference f(XIN) or f(XCIN). To use the frequency synthesizer, set the frequency synthesizer
enable bit of frequency synthesizer control register (address 6C16) to “1”.
The frequency synthesizer input bit selects either f(XIN) or f(XCIN) as an input clock fIN for the frequency
synthesizer.
Figure 2.7.7 shows the block diagram for the frequency synthesizer circuit.
(1) fPIN
fIN is divided by the contents of frequency synthesizer multiply register 2 (FSM2: address 6E16) to
generate fPIN, where
fPIN = fIN / 2(n + 1), n: value set to FSM2.
When the value of FSM2 is set to 255, the division is not performed and fPIN will equal fIN.
Figure 2.7.8 shows the frequency synthesizer multiply register 2 setting example.
Note: Be sure to set fPIN to 1 MHz or more.
FSM2
Data Bus
FSM1
FSC
Prescaler
fIN
fPIN
fVCO
fSYN
fUSB
(address 006E16)
(address 006D16)(address 006C16)(address 006F16)
FSD
Frequency
Multiplier
Frequency Divider
Fig. 2.7.7 Block diagram for frequency synthesizer circuit
24 MHz
1 MHz
2 MHz
3 MHz
6 MHz
12 MHz
Decimal
255
11
5
3
1
0
Hexadecimal
FF16
24.00 MHz
fIN
24.00 MHz
24.00 MHz
24.00 MHz
24.00 MHz
24.00 MHz
0B16
0516
0316
0116
0016
fPIN
FSM2 register set value
Fig. 2.7.8 Frequency synthesizer multiply register 2 setting example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com