Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 289Page - Renesas Technology Corp 7643 Datasheet HTML 290Page - Renesas Technology Corp 7643 Datasheet HTML 291Page - Renesas Technology Corp 7643 Datasheet HTML 292Page - Renesas Technology Corp 7643 Datasheet HTML 293Page - Renesas Technology Corp 7643 Datasheet HTML 294Page - Renesas Technology Corp 7643 Datasheet HTML 295Page - Renesas Technology Corp 7643 Datasheet HTML 296Page - Renesas Technology Corp 7643 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 172 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.7 PLL
(2) fVCO
fVCO is generated by multiplying fPIN by the contents of frequency synthesizer multiply register 1
(FSM1: address 6D16), where
fVCO = fPIN ✕ {2(n + 1)}, n: value set to FSM1.
Set the value of FSM1 so that fVCO will be 48 MHz.
fVCO is optimized in the frequency synthesizer to be used as fUSB and it will be sent into the USB
function control unit.
While the frequency synthesizer enable bit is “0” (disabled), fVCO retains “H” or “L” level.
Figure 2.7.9 shows the frequency synthesizer multiply register 1 setting example.
Fig. 2.7.9 Frequency synthesizer multiply register 1 setting example
2 MHz
4 MHz
6 MHz
12 MHz
24 MHz
Decimal
11
5
3
1
0
Hexadecimal
fVCO
48.00 MHz
48.00 MHz
48.00 MHz
48.00 MHz
48.00 MHz
0B16
0516
0316
0116
0016
fPIN
FSM1 register set value
(3) fSYN
fVCO is divided by the contents of frequency synthesizer divide register (FSD: address 6F16) to
generate fSYN, where
fSYN = fVCO / 2(m + 1), m: value set to FSD.
When the value of FSD is set to 255, the division is not performed and fSYN becomes invalid.
fSYN can be used as the internal system clock by setting the internal system clock select bit of CPU
mode register A.
Figure 2.7.10 shows the frequency synthesizer divide register setting example.
When the frequency synthesizer lock status bit is “1” in the frequency synthesizer enabled, this
indicates that fSYN and fVCO have correct frequencies.
48.00 MHz
48.00 MHz
Decimal
00
127
Hexadecimal
0016
24.00 MHz
fSYN
187.5 kHz
7F16
fVCO
FSD register set value
Fig. 2.7.10 Frequency synthesizer divide register setting example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com