Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 290Page - Renesas Technology Corp 7643 Datasheet HTML 291Page - Renesas Technology Corp 7643 Datasheet HTML 292Page - Renesas Technology Corp 7643 Datasheet HTML 293Page - Renesas Technology Corp 7643 Datasheet HTML 294Page - Renesas Technology Corp 7643 Datasheet HTML 295Page - Renesas Technology Corp 7643 Datasheet HTML 296Page - Renesas Technology Corp 7643 Datasheet HTML 297Page - Renesas Technology Corp 7643 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 173 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.7 PLL
(4) Recovering from hardware reset
The frequency synthesizer and DC-DC converter must be set up as follows when recovering from
a Hardware Reset:
x Enable the frequency synthesizer after setting the frequency synthesizer related registers (addresses
6C16 to 6F16). Then wait for 2 ms.
y Check the frequency synthesizer lock status bit. If “0”, wait for 0.1 ms and then recheck.
z To use the intermediate current, set the LPF current control bits of frequency synthesizer control
register (address 6C16) to (b6, b5) = “10”.
{ When using the USB built-in DC-DC converter, set the USB line driver supply enable bit of the
USB control register (address 1316) to “1”. This setting must be done 2 ms or more later than
the setup described in step x. The USB line driver current control bit must be set to “0” at this
time. (When Vcc = 3.3V, the setting explained in this step is not necessary.)
| After waiting for (C + 1) ms so that the external capacitance pin (Ext. Cap. pin) can reach
approximately 3.3 V, set the USB clock enable bit to “1”. At this time, “C” equals the capacitance
(
µF) of the capacitor connected to the Ext. Cap. pin. For example, if 2.2 µF and 0.1 µF
capacitors are connected to the Ext. Cap. in parallel, the required wait will be (2.3 + 1) ms.
} After enabling the USB clock, wait for 4 or more
φ cycles, and then set the USB enable bit to
“1”.
Do not write to any of the USB internal registers (addresses 5016 to 6216) until the USB clock
enabled, except for the USB control register (address 1316), clock control register (address
1F16), and frequency synthesizer control register (address 6C16).
2.7.4 Notes on frequency synthesizer
•Bits 6 and 5 of the frequency synthesizer control register (address 6C16) are initialized to (b6, b5) = “11”
after reset release. Make sure to set bits 6 and 5 to “10” after the frequency synthesizer lock status
bit goes to “1”.
•Use the frequency synthesizer output clocks 2 ms to 5 ms later than setting the frequency synthesizer
enable bit to “1” (enabled). After that do not change any register values because it might cause output
clocks unstabilized temporarily.
•Make sure to connect a low-pulse filter to the LPF pin when using the frequency synthesizer.
•The frequency synthesizer divide register set value never affects fUSB frequency.
•When using the fSYN as an internal system clock, set the frequency synthesizer divide register so that
fSYN could be 24 MHz or less.
•When using the frequency synthesized clock function, we recommend using the fastest frequency
possible of f(XIN) or f(XCIN) as an input clock for the PLL.
•Set the value of frequency synthesizer multiply register 2 (FSM2) so that the fPIN is 1 MHZ or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com