Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 294Page - Renesas Technology Corp 7643 Datasheet HTML 295Page - Renesas Technology Corp 7643 Datasheet HTML 296Page - Renesas Technology Corp 7643 Datasheet HTML 297Page - Renesas Technology Corp 7643 Datasheet HTML 298Page - Renesas Technology Corp 7643 Datasheet HTML 299Page - Renesas Technology Corp 7643 Datasheet HTML 300Page - Renesas Technology Corp 7643 Datasheet HTML 301Page - Renesas Technology Corp 7643 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 177 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
2.8.4 Slow memory wait
The slow memory wait function is for easier interfacing with external devices that have long access
times. This can be enabled in the memory expansion mode and microprocessor mode.
The wait is effective only to external areas. Access to internal area is always performed without wait.
(1) Software wait
The software wait is selected by setting “00” to the slow memory wait mode select bits (b3, b2
of CPMB).
Figure 2.8.4 shows the software wait timing example.
φOUT
ADOUT
DB IN/OUT
RD
WR
1 bus cycle
IN
OUT
IN
OUT
<< No Wait >>
<< Wait >>
1 bus cycle
φOUT
ADOUT
DB IN/OUT
RD
WR
Address
Address
Address
Address
Note: Accessing to internal areas is always performed on this waveform.
Note: This example is the 1-cycle software wait.
Refer to Chapter 1 “Slow Memory Wait in PROCESSOR MODE” for 2- and
3-cycle software wait timings.
Fig. 2.8.4 Software wait timing example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com