Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 298Page - Renesas Technology Corp 7643 Datasheet HTML 299Page - Renesas Technology Corp 7643 Datasheet HTML 300Page - Renesas Technology Corp 7643 Datasheet HTML 301Page - Renesas Technology Corp 7643 Datasheet HTML 302Page - Renesas Technology Corp 7643 Datasheet HTML 303Page - Renesas Technology Corp 7643 Datasheet HTML 304Page - Renesas Technology Corp 7643 Datasheet HTML 305Page - Renesas Technology Corp 7643 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 181 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
2.8.6 Expanded data memory access
In Expanded Data Memory Access Mode (EDMA mode), the MCU can access a data area larger than
64 Kbytes with the LDA ($zz), Y (indirect Y) instruction and the STA ($zz), Y (indirect Y) instruction.
It is only able to store and read data for the expanded data memory area. The access can be performed
with T flag = “0” or “1”. (T flag is Index X mode flag.)
To use this mode, set the expanded data memory access bit (b4 of CPMB) to “1”. In this case, EDMA
pin (port P40) goes “L” level during the read/write cycle of the LDA or STA instruction. The determination
of which bank to access is done by using an I/O port to represent expanded addresses exceeding
address bus (AB15)16. This signal and the port output signal are put together, and it becomes the chip
select (selecting a bank, expanded memory).
In EDMA mode, the area from addresses 000016 to FFFF16 can be accessed. When accessing a bank,
follow this procedure (four banks are assumed):
- Bank specification (Data output to the port for a bank setup 16 (AB16), and 16 (AB17)). The user must
setup 16 (AB16), and 16 (AB17).
__________
- Enabling EDMA output. (Set b4 of CPMB to “1”.)
- Executing LDA ($zz), Y (indirect Y) (In the case of read data of expanded data memory)
The data of the address (bank 0) + Y stored in the internal RAM address ($zz) are loaded to the
accumulator.
Figure 2.8.8 shows a connection example of memory access up to 256 Kbytes.
EDMA
RD
WR
CS0
CS1
CS2
CS3
DB0 to DB7
P80
P81
AB0 to AB15
8
16
BANK0
BANK1
BANK2
BANK3
E
74HC139
7643 group
Decoder
64K RAM
64K RAM
64K RAM
64K RAM
Fig. 2.8.8 Connection example of memory access up to 256 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com