Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 296Page - Renesas Technology Corp 7643 Datasheet HTML 297Page - Renesas Technology Corp 7643 Datasheet HTML 298Page - Renesas Technology Corp 7643 Datasheet HTML 299Page - Renesas Technology Corp 7643 Datasheet HTML 300Page - Renesas Technology Corp 7643 Datasheet HTML 301Page - Renesas Technology Corp 7643 Datasheet HTML 302Page - Renesas Technology Corp 7643 Datasheet HTML 303Page - Renesas Technology Corp 7643 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 179 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
(3) Software wait + Extended RDY wait
Extended RDY wait (software wait plus RDY input anytime wait) is selected by setting “11” to the
slow memory wait mode select bits (b3, b2 of CPMB). The read/write cycle can be extended when
a fixed time (tsu) of “L” is input to the RDY pin at the beginning of a read/write cycle (before
φ
cycle falls). The RDY pin state is checked continually at each fall of
φ cycle until the RDY pin goes
to “H” and the cycle keeps being extended. When a fixed time of “H” (tsu) is input to the RDY pin
at the beginning of a read/write cycle (before
φ cycle falls), the MCU is released from the wait
within 1, 2, or 3
φ cycles as selected with the slow memory wait bits (b1, b0 of CPMB).
Figure 2.8.6 shows the extended RDY wait (software wait plus RDY input anytime wait) timing
example
Fig. 2.8.6 Extended RDY wait (software wait plus RDY input anytime wait) timing example
IN
IN
OUT
φOUT
ADOUT
DB IN/OUT
RD
WR
<< No Wait >>
Address
Address
1 bus cycle
RDY
<< Wait >>
1 bus cycle
φOUT
ADOUT
DB IN/OUT
RD
WR
Address
tsu
1234
tsu
tsu
tsu
Note: This example is the 1-cycle extended RDY wait (RD).
The 1-cycle extended RDY wait (WR) is the same timing as this.
Refer to Chapter 1 “Slow Memory Wait in PROCESSOR MODE” for 2- and 3-cycle
extended RDY wait timings.
1. When a fixed time (tsu) of “L” is input to the RDY pin before
φ falls, the MCU goes to RDY state.
2. The RDY pin state is checked continually at each fall of
φ cycle.
3. The RDY pin is “L” at the
φ fall of the end of the current wait time, so that the read/write cycle is
extended for one wait once again.
4. When a fixed time (tsu) of “H” is input to the RDY pin before
φ falls, the RDY state is released after
the current wait time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com