Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 300Page - Renesas Technology Corp 7643 Datasheet HTML 301Page - Renesas Technology Corp 7643 Datasheet HTML 302Page - Renesas Technology Corp 7643 Datasheet HTML 303Page - Renesas Technology Corp 7643 Datasheet HTML 304Page - Renesas Technology Corp 7643 Datasheet HTML 305Page - Renesas Technology Corp 7643 Datasheet HTML 306Page - Renesas Technology Corp 7643 Datasheet HTML 307Page - Renesas Technology Corp 7643 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 183 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
(2) External memory connection example : RDY function (one wait) in use
Outline: RDY function is used because the external memory has a slow-memory-access speed.
Specifications:
•In read/write status of the CPU, input “L” to the RDY(P30) pin will cause extension
of 1 to 3
φ cycles on its read/write cycle.
•When the slow memory wait select bit (b1, b0) is = “01”, it is extended by one
cycle.
______ ______
•RD/WR signal holds “L” level during the extended time.
•Usable RAM and ROM at f(XIN) = 24 MHz, Vcc = 5 V are given bellow:
- OE access time : ta(OE)
≤ 107 ns
- Data setup time at write : tsu(D)
≤ 100 ns
- Examples satisfying these specifications: M5M27C256AK-10 (EPROM),
M5M5256BP-10 (SRAM)
Figure 2.8.10 shows the RDY function use example, and Figures 2.8.11 to 2.8.13 show the read
and write cycles.
7643 Group
AD15
RD
WR
AD14
AD0
15
EPROM
CNVss
P31, P32
P4
P5
P6
P7
P8
5
8
8
5
8
DB0
DB7
SRAM
CE
A0 to A14
D0 to D7
8
A0 to A14
S
DQ1 to DQ8
OE
W
OE
74F04
M5M27C256AK-10
Vcc = 4.15 to 5.25 V
24 MHz
Memory map
2
000016
SFR area
External RAM area
000816
001016
007016
047016
800016
FFFF16
M5M5256BP-10
to
to
SFR area
Internal RAM area
External RAM area
External ROM area
RDY
Fig. 2.8.10 RDY function use example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com