Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 297Page - Renesas Technology Corp 7643 Datasheet HTML 298Page - Renesas Technology Corp 7643 Datasheet HTML 299Page - Renesas Technology Corp 7643 Datasheet HTML 300Page - Renesas Technology Corp 7643 Datasheet HTML 301Page - Renesas Technology Corp 7643 Datasheet HTML 302Page - Renesas Technology Corp 7643 Datasheet HTML 303Page - Renesas Technology Corp 7643 Datasheet HTML 304Page - Renesas Technology Corp 7643 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 180 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
The HOLD function is used for systems that consist of external circuits that access MCU buses without
use of the CPU (Central Processing Unit). The HOLD function is used to generate the timing in which
the MCU will relinquish the bus from the CPU to the external circuits. To use the HOLD function, set
the HOLD function enable bit (b5 of CPMB) to “1”. This can be enabled in the memory expansion mode
and microprocessor mode.
When “L” level is input to the HOLD pin, the MCU goes to the HOLD state and remains so while the
pin is at “L”. When the MCU relinquishes use of the bus, “L” level is output from the HLDA pin. The MCU
puts ports P0 and P1 (address buses) and port P2 (data bus) to tri-state outputs and holds the RD pin
(P37) and WR pin (P36) “H” level. This will prevent incorrect operations of external devices.
Though the clock supply to the CPU halts in HOLD state, the internal peripheral clocks and
φOUT (P34)
continues to be supplied.
When “H” level is input to the HOLD pin,“H” level is output from the HLDA pin and the MCU can use
address buses, data bus, signals RD and WR to access to external devices.
Figure 2.8.7 shows the Hold function timing diagram.
2.8.5 HOLD function
Fig. 2.8.7 Hold function timing diagram
XIN
RD, WR
ADDROUT
DATAIN/OUT
HOLD
HLDA
φ OUT
tsu(HOLD-
φ)
th(
φ-HOLD)
td(
φ-HLDAL)
td(
φ-HLDAH)
Note: This diagram assumes
φ = XIN/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com