Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 301Page - Renesas Technology Corp 7643 Datasheet HTML 302Page - Renesas Technology Corp 7643 Datasheet HTML 303Page - Renesas Technology Corp 7643 Datasheet HTML 304Page - Renesas Technology Corp 7643 Datasheet HTML 305Page - Renesas Technology Corp 7643 Datasheet HTML 306Page - Renesas Technology Corp 7643 Datasheet HTML 307Page - Renesas Technology Corp 7643 Datasheet HTML 308Page - Renesas Technology Corp 7643 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 184 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
AB0 to AB7
(Port P0)
S
(AB15)
WR
ta(OE)
50 ns (max.)
AB8 to AB14
(Port P1)
OE
(RD of 7643)
DB0 to DB7
(Port P2)
Lower address
Upper address
twl(RD)
(1 + 0.5) • 83.33 ns – 5 ns (min.)
tsu(DB-RD)
13 ns (min.)
“H” level
td(AH-RD), td(AL-RD) : AB15-AB8, AB7-AB0 valid time before RD of 7643 group
twl(RD)
: RD pulse width of 7643 group
ta(OE)
: Output enable access time of M5M5256BP-10
tsu(DB-RD) : Data bus setup time before RD of 7643 group
f(XIN) = 24 MHz
Vcc = 5 V
td(AH-RD): 0.5 • 83.33 ns – 28 ns (min.)
td(AL-RD): 0.5 • 83.33 ns – 30 ns (min.)
AB0 to AB7
(Port P0)
CE
WR
AB8 to AB14
(Port P1)
OE
(RD of 7643)
DB0 to DB7
(Port P2)
Lower address
Upper address
“H” level
tPHL
5.8 ns
(max.)
ta(OE)
50 ns (max.)
twl(RD)
(1 + 0.5) • 83.33 ns – 5 ns (min.)
tsu(DB-RD)
13 ns (min.)
td(AH-RD), td(AL-RD) : AB15-AB8, AB7-AB0 valid time before RD of 7643 group
twl(RD)
: RD pulse width of 7643 group
tPHL
: Output delay time of 74F04
ta(OE)
: Output enable access time of M5M27C256AK-10
tsu(DB-RD) : Data bus setup time before RD of 7643 group
f(XIN) = 24 MHz
Vcc = 5 V
td(AH-RD): 0.5 • 83.33 ns – 28 ns (min.)
td(AL-RD): 0.5 • 83.33 ns – 30 ns (min.)
Fig. 2.8.11 Read cycle (OE access, SRAM)
Fig. 2.8.12 Read cycle (OE access, EPROM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com