Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 302Page - Renesas Technology Corp 7643 Datasheet HTML 303Page - Renesas Technology Corp 7643 Datasheet HTML 304Page - Renesas Technology Corp 7643 Datasheet HTML 305Page - Renesas Technology Corp 7643 Datasheet HTML 306Page - Renesas Technology Corp 7643 Datasheet HTML 307Page - Renesas Technology Corp 7643 Datasheet HTML 308Page - Renesas Technology Corp 7643 Datasheet HTML 309Page - Renesas Technology Corp 7643 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 185 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.8 External device connection
Fig. 2.8.13 Write cycle (W control, SRAM)
AB0 to AB7
(Port P0)
S
(AB15)
td(WR-DB)
20 ns (max.)
AB8 to AB14
(Port P1)
OE
(RD of 7643)
DB0 to DB7
(Port P6)
Lower address
Upper address
tsu(D)
35 ns (min.)
“H” level
W
(WR of 7643)
twl(WR)
(1 + 0.5) • 83.33 ns – 5 ns (min.)
td(AH-WR), td(AL-WR) : AB15-AB8, AB7-AB0 valid time before WR of 7643 group
twl(WR)
: WR pulse width of 7643 group
td(WR-DB) : Data bus delay time after WR of 7643 group
tsu(D)
: Data setup time of M5M5256BP-10
f(XIN) = 24 MHz
Vcc = 5 V
td(AH-RD): 0.5 • 83.33 ns – 28 ns (min.)
td(AL-RD): 0.5 • 83.33 ns – 30 ns (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com