Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
MC68HC705C9A — Rev. 2.0
Interrupts
General Release Specification — MC68HC705C9A
Section 4. Interrupts
4.1 Contents
4.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
4.3
Non-Maskable Software Interrupt (SWI). . . . . . . . . . . . . . . . . .47
4.4
External Interrupt (IRQ or Port B) . . . . . . . . . . . . . . . . . . . . . . .47
4.5
Timer Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
4.6
SCI Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
4.7
SPI Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
4.2 Introduction
The MCU can be interrupted by five different sources, four maskable
hardware interrupts, and one non-maskable software interrupt:
•
External signal on the IRQ pin or port B pins
•
16-bit programmable timer
•
Serial communications interface
•
Serial peripheral interface
•
Software interrupt instruction (SWI)
Interrupts cause the processor to save register contents on the stack
and to set the interrupt mask (I bit) to prevent additional interrupts. The
RTI instruction causes the register contents to be recovered from the
stack and normal processing to resume.
Unlike RESET, hardware interrupts do not cause the current instruction
execution to be halted, but are considered pending until the current
instruction is complete.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com