Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
General Release Specification
SCI I/O Registers
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
FE — Receiver Framing Error
This clearable, read-only flag is set when there is a logic zero where
a stop bit should be in the character shifted into the receive shift
register. If the received word causes both a framing error and an
overrun error, the OR flag is set and the FE flag is not set. Clear the
FE bit by reading the SCSR and then reading the SCDR.
1 = Framing error
0 = No framing error
9.14.5 Baud Rate Register (BAUD)
The baud rate register, shown in Figure 9-12, selects the baud rate for
both the receiver and the transmitter.
SCP1 — SCP0–SCI Prescaler Select Bits
These read/write bits control prescaling of the baud rate generator
clock, as shown in Table 9-1. Reset clears both SCP1 and SCP0.
$000D
Bit 7
6543
2
1
Bit 0
Read:
SCP1
SCP0
SCR2
SCR1
SCR0
Write:
Reset:
—
—
0
0
—
U
U
U
= Unimplemented
U = Undetermined
Figure 9-12. Baud Rate Register (BAUD)
Table 9-1. Baud Rate Generator
Clock Prescaling
SCP[1:0]
Baud Rate Generator Clock
00
Internal Clock
÷ 1
01
Internal Clock
÷ 3
10
Internal Clock
÷ 4
11
Internal Clock
÷ 13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com