Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.4 Timer I/O Registers
The following I/O registers control and monitor timer operation:
•
Timer control register (TCR)
•
Timer status register (TSR)
•
Timer registers (TRH and TRL)
•
Alternate timer registers (ATRH and ATRL)
•
Input capture registers (ICRH and ICRL)
•
Output compare registers (OCRH and OCRL)
8.4.1 Timer Control Register (TCR)
The timer control register, shown in Figure 8-2, performs these
functions:
•
Enables input capture interrupts
•
Enables output compare interrupts
•
Enables timer overflow interrupts
•
Controls the active edge polarity of the TCAP signal
•
Controls the active level of the TCMP output
Figure 8-2. Timer Control Register (TCR)
ICIE — Input Capture Interrupt Enable
This read/write bit enables interrupts caused by an active signal on
the TCAP pin. Resets clear the ICIE bit.
1 = Input capture interrupts enabled
0 = Input capture interrupts disabled
$0012
Bit 7
654321
Bit 0
Read:
ICIE
OCIE
TOIE
000
IEDG
OLVL
Write:
Reset:
000000
U
0
= Unimplemented
U = Undetermined
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com