Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
MC68HC705C9A — Rev. 2.0
Input/Output Ports
General Release Specification — MC68HC705C9A
Section 7. Input/Output Ports
7.1 Contents
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
7.3
Port A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
7.4
Port B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
7.5
Port C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .65
7.6
Port D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .65
7.2 Introduction
This section briefly describes the 31 I/O lines arranged as one 7-bit and
three 8-bit ports. All of these port pins are programmable as either inputs
or outputs under software control of the data direction registers.
NOTE:
To avoid a glitch on the output pins, write data to the I/O port data
register before writing a one to the corresponding data direction register.
7.3 Port A
Port A is an 8-bit bidirectional port which does not share any of its pins
with other subsystems. The port A data register is at $0000 and the data
direction register (DDR) is at $0004. The contents of the port A data
register are indeterminate at initial powerup and must be initialized by
user software. Reset does not affect the data registers, but clears the
data direction registers, thereby returning the ports to inputs. Writing a
one to a DDR bit sets the corresponding port bit to output mode. A block
diagram of the port logic is shown in Figure 7-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com