Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
General Release Specification
Port C
MC68HC705C9A — Rev. 2.0
Input/Output Ports
7.5 Port C
Port C is an 8-bit bidirectional port. The port C data register is at $0002
and the data direction register (DDR) is at $0006. The contents of the
port C data register are indeterminate at initial powerup and must be
initialized by user software. Reset does not affect the data registers, but
clears the data direction registers, thereby returning the ports to inputs.
Writing a one to a DDR bit sets the corresponding port bit to output
mode. PC7 has a high current sink and source capability. Figure 7-1 is
also applicable to port C.
7.6 Port D
When configured as a C9A, port D is a 7-bit bidirectional port; when
configured as a C12A, port D is a 7-bit fixed input port. Four of its pins
are shared with the SPI subsystem and two more are shared with the
SCI subsystem. The contents of the port D data register are
indeterminate at initial powerup and must be initialized by user software.
During reset all seven bits become valid input ports because the C9A
DDR bits are cleared and the special function output drivers associated
with the SCI and SPI subsystems are disabled, thereby returning the
ports to inputs. Writing a one to a DDR bit sets the corresponding port
bit to output mode only when configured as a C9A.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com