Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.4.4 Alternate Timer Registers (ATRH and ATRL)
The alternate timer registers, shown in Figure 8-5, contain the current
high and low bytes of the 16-bit counter. Reading ATRH before reading
ATRL causes ATRL to be latched until ATRL is read. Reading ATRL has
no effect on the timer overflow flag (TOF). Writing to the alternate timer
registers has no effect.
Figure 8-5. Alternate Timer Registers (ATRH and ATRL)
NOTE:
To prevent interrupts from occurring between readings of ATRH and
ATRL, set the interrupt flag in the condition code register before reading
ATRH, and clear the flag after reading ATRL.
ATRH
$001A
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
Write:
Reset:
11111111
ATRL
$001B
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Write:
Reset:
11111100
= Unimplemented
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com