Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
General Release Specification
Wait Mode
MC68HC705C9A — Rev. 2.0
Low-Power Modes
Figure 6-1. Stop Recovery Timing Diagram
6.4 Wait Mode
The WAIT instruction places the MCU in a low-power consumption
mode, but the wait mode consumes more power than the stop mode. All
CPU action is suspended, but the timer, SCI, SPI, and the oscillator
remain active. Any interrupt or reset will cause the MCU to exit the wait
mode.
During wait mode, the I bit in the CCR is cleared to enable interrupts. All
other registers, memory, and input/output lines remain in their previous
state. The timer, SCI, and SPI may be enabled to allow a periodic exit
from the wait mode.
3FFE
3FFE
3FFE
3FFE
3FFF
INTERNAL
ADDRESS
BUS
INTERNAL
CLOCK
IRQ
3
IRQ
2
RESET
OSC1
1
t
ILCH
4064 t
cyc
RESET OR INTERRUPT
VECTOR FETCH
t
LIH
t
RL
NOTES:
1. Represents the internal gating of the OSC1 pin
2. IRQ pin edge-sensitive mask option
3. IRQ pin level and edge-sensitive mask option
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com