Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.4.5 Input Capture Registers (ICRH and ICRL)
When a selected edge occurs on the TCAP pin, the current high and low
bytes of the 16-bit counter are latched into the input capture registers.
Reading ICRH before reading ICRL inhibits further capture until ICRL is
read. Reading ICRL after reading the status register clears the input
capture flag (ICF). Writing to the input capture registers has no effect.
Figure 8-6. Input Capture Registers (ICRH and ICRL)
NOTE:
To prevent interrupts from occurring between readings of ICRH and
ICRL, set the interrupt flag in the condition code register before reading
ICRH, and clear the flag after reading ICRL.
ICRH
$0014
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
Write:
ICRL
$0015
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Write:
RESET DOES NOT AFFECT THE INPUT CAPTURE REGISTERS
= Unimplemented
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com