Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.4.3 Timer Registers (TRH and TRL)
The timer registers, shown in Figure 8-4, contains the current high and
low bytes of the 16-bit counter. Reading TRH before reading TRL
causes TRL to be latched until TRL is read. Reading TRL after reading
the timer status register clears the timer overflow flag (TOF). Writing to
the timer registers has no effect.
Figure 8-4. Timer Registers (TRH and TRL)
TRH
$0018
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
Write
Reset:
11111111
TRL
$0019
Bit 7
6
5
4
3
2
1
Bit 0
Read:
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Write:
Reset:
11111100
= Unimplemented
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com