Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 157 page
background image
General Release Specification
SCI I/O Registers
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
ILIE — Idle Line Interrupt Enable
This read/write bit enables SCI interrupt requests when the IDLE bit
becomes set. Resets clear the ILIE bit.
1 = IDLE interrupt requests enabled
0 = IDLE interrupt requests disabled
TE — Transmitter Enable
Setting this read/write bit begins the transmission by sending a
preamble of 10 or 11 logic ones from the transmit shift register to the
PD1/TDO pin. Resets clear the TE bit.
1 = Transmission enabled
0 = Transmission disabled
RE — Receiver Enable
Setting this read/write bit enables the receiver. Clearing the RE bit
disables the receiver and receiver interrupts but does not affect the
receiver interrupt flags. Resets clear the RE bit.
1 = Receiver enabled
0 = Receiver disabled
RWU — Receiver Wakeup Enable
This read/write bit puts the receiver in a standby state. Typically, data
transmitted to the receiver clears the RWU bit and returns the receiver
to normal operation. The WAKE bit in SCCR1 determines whether an
idle input or an address mark brings the receiver out of standby state.
Reset clears the RWU bit.
1 = Standby state
0 = Normal operation
SBK — Send Break
Setting this read/write bit continuously transmits break codes in the
form of 10-bit or 11-bit groups of logic zeros. Clearing the SBK bit
stops the break codes and transmits a logic one as a start bit. Reset
clears the SBK bit.
1 = Break codes being transmitted
0 = No break codes being transmitted
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com