Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
General Release Specification
Timer Interrupt
MC68HC705C9A — Rev. 2.0
Interrupts
4.5 Timer Interrupt
Three different timer interrupt flags cause a timer interrupt whenever
they are set and enabled. The interrupt flags are in the timer status
register (TSR), and the enable bits are in the timer control register
(TCR). Any of these interrupts will vector to the same interrupt service
routine, located at the address specified by the contents of memory
locations $3FF8 and $3FF9.
4.6 SCI Interrupt
Five different SCI interrupt flags cause an SCI interrupt whenever they
are set and enabled. The interrupt flags are in the SCI status register
(SCSR), and the enable bits are in the SCI control register 2 (SCCR2).
Any of these interrupts will vector to the same interrupt service routine,
located at the address specified by the contents of memory locations
$3FF6 and $3FF7.
4.7 SPI Interrupt
Two different SPI interrupt flags cause an SPI interrupt whenever they
are set and enabled. The interrupt flags are in the SPI status register
(SPSR), and the enable bits are in the SPI control register (SPCR).
Either of these interrupts will vector to the same interrupt service routine,
located at the address specified by the contents of memory locations
$3FF4 and $3FF5.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com