Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
General Release Specification
MC68HC05C9A Compatible COP
MC68HC705C9A — Rev. 2.0
Resets
COPE — COP Enable
This bit is readable any time. COPE, CM1, and CM0 together may be
written with a single write, only once, after reset. This bit is cleared by
reset.
1 = COP enabled
0 = COP disabled
CM1 — COP Mode Bit 1
Used in conjunction with CM0 to establish the COP timeout period,
this bit is readable any time. COPE, CM1, and CM0 together may be
written with a single write, only once, after reset. This bit is cleared by
reset.
CM0 — COP Mode Bit 0
Used in conjunction with CM1 to establish the COP timeout period,
this bit is readable any time. COPE, CM1, and CM0 together may be
written with a single write, only once, after reset. This bit is cleared by
reset.
Bits 7–5 — Not Used
These bits always read as zero.
Table 5-1. COP Timeout Period
CM1
CM0
fop/2
15 Divide By
Timeout Period
(fosc = 2.0 MHz)
Timeout Period
(fosc = 4.0 MHz)
0
0
1
32.77 ms
16.38 ms
0
1
4
131.07 ms
65.54 ms
1
0
16
524.29 ms
262.14 ms
1
1
64
2.097 sec
1.048 sec
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com