Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
General Release Specification
Timer During Wait Mode
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.5 Timer During Wait Mode
The CPU clock halts during the wait mode, but the timer remains active.
If interrupts are enabled, a timer interrupt will cause the processor to exit
the wait mode.
8.6 Timer During Stop Mode
In the stop mode, the timer stops counting and holds the last count value
if STOP is exited by an interrupt. If STOP is exited by RESET, the
counters are forced to $FFFC. During STOP, if at least one valid input
capture edge occurs at the TCAP pins, the input capture detect circuit is
armed. This does not set any timer flags or wake up the MCU, but if an
interrupt is used to exit stop mode, there is an active input capture flag
and data from the first valid edge that occurred during the stop mode. If
RESET is used to exit stop mode, then no input capture flag or data
remains, even if a valid input capture edge occurred.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com