Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 157 page
background image
General Release Specification
Non-Maskable Software Interrupt (SWI)
MC68HC705C9A — Rev. 2.0
Interrupts
4.3 Non-Maskable Software Interrupt (SWI)
The SWI is an executable instruction and a non-maskable interrupt: It is
executed regardless of the state of the I bit in the CCR. If the I bit is zero
(interrupts enabled), SWI executes after interrupts which were pending
when the SWI was fetched, but before interrupts generated after the SWI
was fetched. The interrupt service routine address is specified by the
contents of memory locations $3FFC and $3FFD.
4.4 External Interrupt (IRQ or Port B)
If the interrupt mask bit (I bit) of the CCR is set, all maskable interrupts
(internal and external) are disabled. Clearing the I bit enables interrupts.
The interrupt request is latched immediately following the falling edge of
IRQ. It is then synchronized internally and serviced as specified by the
contents of $3FFA and $3FFB.
When any of the port B pullups are enabled, each pin becomes an
additional external interrupt source which is executed identically to the
IRQ pin. Port B interrupts follow the same edge/edge-level selection as
the IRQ pin. The branch instructions BIL and BIH also respond to the
port B interrupts in the same way as the IRQ pin. See 7.4 Port B.
Either a level-sensitive and edge-sensitive trigger or an
edge-sensitive-only trigger operation is selectable. In MC68HC05C9A
mode, the sensitivity is software- controlled by the IRQ bit in the C9A
option register ($3FDF). In the MC68HC05C12A mode, the sensitivity is
determined by the C12IRQ bit in the C12 mask option register ($3FF1).
NOTE:
The internal interrupt latch is cleared in the first part of the interrupt
service routine; therefore, one external interrupt pulse can be latched
and serviced as soon as the I bit is cleared.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com