Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 157 page
background image
General Release Specification
Receiver Wakeup Operation
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
9.8 Receiver Wakeup Operation
The receiver logic hardware also supports a receiver wakeup function
which is intended for systems having more than one receiver. With this
function a transmitting device directs messages to an individual receiver
or group of receivers by passing addressing information as the initial
byte(s) of each message. The wakeup function allows receivers not
addressed to remain in a dormant state for the remainder of the
unwanted message. This eliminates any further software overhead to
service the remaining characters of the unwanted message and thus
improves system performance.
The receiver is placed in wakeup mode by setting the receiver wakeup
bit (RWU) in the SCCR2 register. While RWU is set, all of the
receiver-related status flags (RDRF, IDLE, OR, NF, and FE) are
inhibited (cannot become set).
NOTE:
The idle line detect function is inhibited while the RWU bit is set.
Although RWU may be cleared by a software write to SCCR2, it would
be unusual to do so.
Normally, RWU is set by software and is cleared automatically in
hardware by one of these methods: idle line wakeup or address mark
wakeup.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com