Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705C9ACFN Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MC68HC705C9ACFN
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
General Release Specification
Functional Description
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
interrupts are enabled). The transfer of data to the transmit data shift
register is synchronized with the bit rate clock (see Figure 9-2). All data
is transmitted least significant bit first. Upon completion of data
transmission, the transmission complete flag (TC) in the SCSR is set
(provided no pending data, preamble, or break is to be sent) and an
interrupt is generated (if the transmit complete interrupt is enabled). If
the transmitter is disabled, and the data, preamble, or break (in the
transmit data shift register) has been sent, the TC bit will be set also.
This will also generate an interrupt if the transmission complete interrupt
enable bit (TCIE) is set. If the transmitter is disabled during a
transmission, the character being transmitted will be completed before
the transmitter gives up control of the TDO pin.
When SCDR is read, it contains the last data byte received, provided
that the receiver is enabled. The receive data register full flag bit (RDRF)
in the SCSR is set to indicate that a data byte has been transferred from
the input serial shift register to the SCDR; this will cause an interrupt if
the receiver interrupt is enabled. The data transfer from the input serial
shift register to the SCDR is synchronized by the receiver bit rate clock.
The OR (overrun), NF (noise), or FE (framing) error flags in the SCSR
may be set if data reception errors occurred.
An idle line interrupt is generated if the idle line interrupt is enabled and
the IDLE bit (which detects idle line transmission) in SCSR is set. This
allows a receiver that is not in the wakeup mode to detect the end of a
message, or the preamble of a new message, or to re-synchronize with
the transmitter. A valid character must be received before the idle line
condition or the IDLE bit will not be set and idle line interrupt will not be
generated.
Figure 9-2. Rate Generator Division
OSC FREQ
(fOSC)
÷2
BUS FREQ
(fOP)
SCP0–SCP1
SCI PRESCALER
SELECT
N
SCR0–SCR2
SCI RATE
SELECT
M
÷16
SCI TRANS
CLOCK (TX)
SCI RECEIVE
CLOCK (RT)
CONTROL
CONTROL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com